Part Number Hot Search : 
HCC40 BLM15A BAS21 IRFU3 BSERIES G2SBA05 C4072D 18602257
Product Description
Full Text Search
 

To Download NTE315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE315 Silicon NPN Transistor, Medium Power Amp
Features: D AF - HF Medium Power Amplifier Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-to-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V Collector-to-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V Emitter-to-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Base Current. IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A Collector Power Dissipation, PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 750mW Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +120C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -50 to +150C Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126C/W Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current Base to Emitter Voltage Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain Symbol ICBO IEBO VBE VCE(sat) VBE(sat) hFE1 hFE2 Small Signal Current Gain Collector Output Capacitance |hfe| CC Test Conditions VCB = 25V, IE = 0 VEB = 6V, IC = 0 VCE = 6V, IC = 5mA IC = 1A, IB = 50mA IC = 1A, IB = 50mA VCE = 2V, IC = 100mA VCE = 1V, IC = 1A VCB = 2V, IE = -10mA, f = 10MHZ VCB = 10V, IE = 0, f = 1MHZ Min - - - 50 - - 199 70 - - Typ - - - - - - - - 18 16 Max 0.2 0.2 0.7 - 0.3 1.0 649 - - 40 dB pf Unit A A V V V V
VCEO(sus) IC = 2mA
.343 (8.73) Max
.492 (12.5) Min
.024 (0.62) Max
ECB
.102 (2.6) Max .059 (1.5) Typ .018 (0.48)
.118 (3.0) Max .236 (6.0)Dia Max
.197 (5.0) .102 (2.6) Max


▲Up To Search▲   

 
Price & Availability of NTE315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X